PART |
Description |
Maker |
1ZC121ZC120 E000390 1ZC12 |
DIODE(CONSTANTVOLTAGEREGULATION) CONSTANT VOLTAGE REGULATION TELEPHONE, PRINTER USES From old datasheet system DIODE (CONSTANT VOLTAGE REGULATION)
|
ToshibaSemiconductor Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
A29L160TG-120 A29L160UM-90 A29L160UV-90 A29L160UM- |
122 x 32 pixel format, LED Backlight available 2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory LOGIC PROBE 50MHZ Bench Power Supply; Output Current:3.3A; Calibrated:No; Line Regulation Constant Voltage:50 mV; Load Regulation Constant Voltage:0.5% 200 mV; Ripple Voltage:25mV; Supply Voltage Max:265VAC; Supply Voltage Min:100VAC 128 x 64 pixel format, LED Backlight available Replaced by PT78NR152,PT78ST153 : 5.25Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 240 x 128 pixel format, CFL Backlight with power harness
|
AMIC Technology Corporation
|
KDZ93V |
ZENER DIODE CONSTANT VOLTAGE REGULATION APPLICATION
|
KEC(Korea Electronics)
|
FL7740-18 |
Constant-Voltage Primary-Side-Regulation PWM Controller
|
ON Semiconductor
|
02DZ10 02DZ15 02DZ2.4 02DZ20-X 02DZ13 02DZ18 02DZ1 |
Constant Voltage Regulation Applications Reference Voltage Applications
|
Toshiba Semiconductor
|
1ZC24A 1ZC43A 1ZC20A 1ZC33A 1ZC36A 1ZC12A1ZC120A E |
From old datasheet system CONSTANT VOLTAGE REGULATION TELEPHONE, PRINTER USES Card Edge Connector; Number of Contacts:36; Pitch Spacing:1mm; Tail Length:3.00mm; Contact Termination:Solder; Connector Mounting:PC Board; Contact Material:Phosphor Bronze; Contact Plating:Tin; Leaded Process Compatible:Yes Card Edge Connector; Number of Contacts:64; Pitch Spacing:1mm; Tail Length:3.00mm; Contact Termination:Solder; Connector Mounting:PC Board; Contact Material:Phosphor Bronze; Contact Plating:Tin; Leaded Process Compatible:Yes DIODE(CONSTANTVOLTAGEREGULATION) DIODE (CONSTANT VOLTAGE REGULATION) 二极管(恒压规管
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation ToshibaSemiconductor Toshiba, Corp.
|
FS10UM-10 |
Bench Power Supply; Output Current:28A; Calibrated:No; Features:Overload protection, high RFI stability, multiple DC output terminals, 1-yr. warranty, includes user manual; Line Regulation Constant Voltage: 2%, 5 mV MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
LT1511 LT1511CSW LT1511ISW 1511FB |
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting Constant-Current/Constant-Voltage 3ABattery Charger with Input Current Limiting From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
ACE405412 ACE4054IMH ACE4054-12 |
Fully integrated constant current/constant voltage Li-ion battery charger
|
ACE Technology Co., LTD. ACE Technology Co., LTD...
|